Part Number Hot Search : 
S2002 Z5246B AK2330 E101MPD 4440HR 01800 A1101 A1101
Product Description
Full Text Search
 

To Download AC03000002209JACCS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac03 safety (ac03..cs) www.vishay.com vishay draloric revision: 24-may-12 1 document number: 28861 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 axial cemented wirewound safety resistor features ? surge voltage capabili ty: 2 kv (30 pulses/ 15 min) as per iec 61000-4-5. higher surge capability on cu stomer request. ? fusing time < 30 s for 45 w overload ? tinned cu wire terminations ? p 40 = 3 w ? ohmic range: 10 ? to 100 ? , 5 % ? special cement coating for immediate interruption without flame and explosion when mains voltage (220 v rms ) is applied ? specially designed for applicat ions in electric appliances, energy meters ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 vishay has introduced special version of ac 03 wirewound resistors to be used as fusi ble safety resistor (or, ac mains input resistors). it uses specially selected resi stive winding wire and special coating material to ensure safe and silent fusing ope ration in overload conditions. the resistor fuses without a bang when ac mains voltage is applied. at the same time, it acts as a in-rush current limiting resistor for the normal operation. the specially developed lacquer coating matches the thermal and electrical insulating properties of standard silicone ceme nt. this allows designer s to more easily meet the requirements of ul approval, whilst eliminat ing the need to put additional fuses in series with the input resistor. in the conventional wirewound resistor, ceramic rod at the resistor's core acts as a heat sink for the wire element. this can d elay fusing, resulting in high temperatures to fragment the coating and ionize the air near the fusing spot. if ionization occurs cl ose to the cap edge and at a voltage peak in the mains cycle, it can initiate a momentary flashover outside the component body, releasing far more energy than is required to fuse the wire element. although the opening of the circuit is safe for most applications, it can be with a bang with splattering of cement coating. this is un-safe operation and not desirable. ac03 safety resistor has new coating materi al and process to give silent and safe fus ing. it can absorb th ermal stresses withou t fragmenting or burning of resistor coating. note (1) resistance value to be selected for 10 % to lerance from e12 and fo r 5 % from e24 series standard electrical specifications model power rating p 40 c w power rating p 70 c w limiting voltage u max. resistance range (1) ? tcr = 200 ppm/k tolerance % ac03 3 2.5 10 to 100 5 p x r
ac03 safety (ac03..cs) www.vishay.com vishay draloric revision: 24-may-12 2 document number: 28861 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions packaging 500 pieces ammo pack. functional performance b a g c a 1 dimensions in millimeters model a max. a 1 max. b max. c g ac03..cs 13.0 19 5.5 0.8 63 1 part number and product description part number: AC03000002209JACCS model variant tcr/material value tolerance code packaging code special ac03000 = ac03 0 = neutral 0 = standard 3 digit value 1 digit multiplier multiplier 9 = *10 -1 0 = *10 0 1 = *10 1 j = 5.0 % ac = 500 pieces ammo pack cs = safety resistor product description: ac03 22r 5 % ac g63 cd1281 ac03 22r 5 % ac g63 cd1281 model r value tolerance packaging tape width specification for safety resistor 40 70 0 20 40 60 8 0 100 120 - 40 50 100 150 200 250 ambient temperature in c rated power in % 0 deratin g 0 45 w 8 0 w 100 w 110 w 120 w 60 w 2 4 6 8 10 12 14 16 1 8 20 ac03..cs 22r typical fu s in g g raph fusing time in s overload power in w 3000 022 0 c0 9ja s 0 a c c
ac03 safety (ac03..cs) www.vishay.com vishay draloric revision: 24-may-12 3 document number: 28861 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? please see document vishay material category policy: www.vishay.com/doc?99902 ? refer www.vishay.com/doc?28730 for other details ? for further information, please contact: ww1resistors@vishay.com performance test permissible change climatic category (lct/uct/days) 40/200/56 climatic sequence, iec 60115-1, 4.23 ? r = (1 % r + 0.05 ? ) damp heat, steady state, iec 60115-1, 4.24 (40 2) c, 56 days, (93 3) % rh ? r = (5 % r + 0.1 ? ) endurance at room temperature (116 % p 70 ), 1000 h, iec 60115-1, 4.25.2 ? r = (5 % r + 0.1 ? ) endurance at uct, 200 c (30 % p 70 ), 1000 h, iec 60115-1, 4.25.3 ? r = (5 % r + 0.1 ? ) resistance to soldering heat, iec 60115-1, 4.18 (260 5) c, (10 1) s ? r = (0.5 % r + 0.05 ? ) robustness of termination, iec 60115-1, 4.16 ? r = (0.5 % r + 0.05 ? ) short time overload, iec 60115-1, 4.13 10 x rated power for 5 s ? r = (2 % r + 0.1 ? ) fail safe mains fusing at 240v v rms resistance > 100 k ? , fusing time < 2 s (fusing without flames, explosion or smoke)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of AC03000002209JACCS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X